Part Number Hot Search : 
BA6124 RU30100L SR1660 INTER 10471 5DC24 92HD93 GP2U06
Product Description
Full Text Search
 

To Download MJE3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJE3055
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO = 60V(Min) *High DC Current Gain: hFE= 20-100@IC= 4A *Complement to Type MJE2955
APPLICATIONS *Designed for use in general-purpose amplifier and switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Base Current-Continuous
w w
scs .i w
70 V 60 5 V V 10 6 90 150 -55~150 A A W
VALUE
UNIT
.cn mi e
PC TJ Tstg
Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.39 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
MJE3055
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 200mA; IB= 0
60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
B
1.1
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 3.3A
8.0
V
VBE(on)
Base-Emitter On Voltage
IC= 4A ; VCE= 4V VCE=70V;VEB(off)=-1.5V VCE=70V;VEB(off)=-1.5V;TC= 150 VCE= 30V; IB= 0
B
1.8 1.0 5.0 0.7 1.0 10 5.0
V
ICEX
Collector Cutoff Current
mA
ICEO
Collector Cutoff Current
ICBO
Collector Cutoff Current
IEBO
Emitter Cutoff Current
hFE-1
DC Current Gain
hFE-2
DC Current Gain
fT
Current Gain-Bandwidth Product
w w
scs .i w
VEB= 5V; IC= 0
VCB= 70V; IE= 0 VCB= 70V; IE= 0; TC= 150
IC= 4A ; VCE= 4V
.cn mi e
20 5 2.0
mA
mA
mA
100
IC= 10A ; VCE= 4V
IC= 0.5A; VCE= 10V; f= 500kHz
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJE3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X